Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV3012 Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLV3012
Description  TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TLV3012 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button TLV3012 Datasheet HTML 24Page - Texas Instruments TLV3012 Datasheet HTML 25Page - Texas Instruments TLV3012 Datasheet HTML 26Page - Texas Instruments TLV3012 Datasheet HTML 27Page - Texas Instruments TLV3012 Datasheet HTML 28Page - Texas Instruments TLV3012 Datasheet HTML 29Page - Texas Instruments TLV3012 Datasheet HTML 30Page - Texas Instruments TLV3012 Datasheet HTML 31Page - Texas Instruments TLV3012 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
(REF) and logic low level of the comparator output is referenced to (V-). Output capacitive loading and output
toggle rate will cause the average supply current to rise over the quiescent current in the EC Table.
10.5 Layout
10.5.1 Layout Guidelines
To minimize supply noise, power supplies should be capacitively decoupled by a 0.1-μF ceramic capacitor.
Comparators are sensitive to input noise and precautions such as proper grounding (use of ground plane),
supply bypassing, and guarding of high-impedance nodes minimize the effects of noise and help to ensure
specified performance.
10.5.2 Layout Example
V-
V+
REF
IN-
IN+
GND
OUT
VIN
V
S
GND
GND
OUT
C1
R1
R2
SOT-23
Figure 10-7. Layout Example
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1, TLV3012B-Q1
SBOS551C – MARCH 2011 – REVISED APRIL 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TLV3011-Q1 TLV3012-Q1 TLV3011B-Q1 TLV3012B-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39