| Moteur de recherche de fiches techniques de composants électroniques |
|
HTMS1301FTB/AF Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1301FTB/AF Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 44 page ![]() 184430 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet PUBLIC Rev. 3.0 — 18 March 2010 184430 13 of 44 NXP Semiconductors HITAG µ ISO 18000 transponder IC 10.2.2 Start of frame pattern The HITAG µ ISO 18000 transponder IC response always starts with a SOF pattern. The SOF is a Manchester encoded bit sequence of ’110’. 10.2.3 End of frame pattern A specific EOF pattern is neither used nor specified for the HITAG µ ISO 18000 transponder IC response. An EOF is detected by the RWD if there is no load modulation for more than two data bit periods (TFd). Fig 8. Start of fame pattern 001aaj832 TFd TFd TFd load off data "1" data "1" data "0" load on |