| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS843SDN Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS843SDN Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 15 page ![]() ICS843SDN FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR 8 ICS843SDNAG REV. A NOVEMBER 13, 2012 Schematic Example Figure 5B shows an example of ICS843SDN P.C. board layout. The crystal X1 footprint shown in this example allows installation of either surface mount HC49S or through-hole HC49 package. The footprints of other components in this example are listed in the Table 6 There should be at least one decoupling capacitor per power pin. The decoupling capacitors should be located as close as possible to the power pins. The layout assumes that the board has clean analog power ground plane. Figure 5B. ICS843SDN PC Board Layout Example Table 6. Footprint Table NOTE: Table 6 lists component sizes shown in this layout example. Reference Size C1, C2 0402 C3 0805 C4, C5 0603 R2 0603 |