| Moteur de recherche de fiches techniques de composants électroniques |
|
HIP0082AS2 Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HIP0082AS2 Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 11 page ![]() HIP0082, HIP0084 FN3643 Rev 4.00 Page 2 of 11 May 1998 Block Diagram S R Q DIAG. REG. REG. SHIFT STORE WRITE/ TXD CLK CS R/W INx RST DELAY FILTER/ FILTER DELAY ISC REF (PROG. 3, 4) QO VSG 1 OF 4 CHANNELS SC SG OUTx QOL REF OL OL RESET POR RST OSC IOLF IOL(MAX) VCC VCC CHARGE PUMP REF REF RST OVER TEMP. VCC + - + - + - POR POR (SHORT-TO-GND) (SHORT CIRCUIT) OPEN- LOAD CURRENT SENSE QO OUTx SG OL SG OL HIP0084 OUTPUT STAGE DOL SC ROL (NOTE 1) VCC VBATT NOTE 2, NOTE 2, CASE 2 CASE 1 VBATT VCC VSS (GND) OSC R/W NOTES: 1. For Open-Load Detection, the HIP0082 has an internal series pullup resistor, ROL and diode, DOL connected from OUTx to VCC. 2. HIP0084 OL (Open-Load) Detection: Case 1: For OL Detection, an external series resistor and diode pullup connected from OUTx to VCC is needed. Case 2: If no failure distinction for OL or SG (Short-to-GND) is required, both faults may be detected (without distinction), with an external pulldown resistor. For either case, the pullup or pulldown resistors should be typically 10k or greater. |