Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1034ACP0Z-1-R7 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADP1034ACP0Z-1-R7
Description  Evaluating the AD74115H Single-Channel, Software Configurable Input and Output with HART Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1034ACP0Z-1-R7 Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADP1034ACP0Z-1-R7 Datasheet HTML 9Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 10Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 11Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 12Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 13Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 14Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 15Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 16Page - Analog Devices ADP1034ACP0Z-1-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
User Guide
EVAL-AD74115H
NO-OS DRIVER QUICK START PROCEDURES
analog.com
Rev. 0 | 13 of 24
USING THE AD74115H NO-OS DRIVERS
The AD74115H No-OS driver allows users to see how the
AD74115H can be controlled via the SPI using the microcontroller.
For demonstration purposes, the microcontroller on the SDP-K1
board was used. This setup is described in the Mbed No-OS
Drivers Project Setup section.
See the SPI Setup Using User Defined Microcontroller section for
information on the hardware setup needed for using your own
microcontroller.
Mbed No-OS Drivers Project Setup
Take the following steps to set up the Mbed No-OS drivers:
1. Download and install Mbed Studio for the desktop by going to
the Mbed Studio website.
2. Create a new project based on the example project, mbed-os-
example-blinky. Add the New Program name, AD74115H, in
this example (see Figure 13).
Figure 13. Create MBED Project
3. Choose the SDP-K1 board as the platform or target hardware
(see Figure 14).
Figure 14. Choose SDP-K1 Platform
4. Wait until the libraries are imported (see Figure 15).
Figure 15. Wait Until Project Libraries Import
5. Remove the main.cpp file from the project.
6. Download AD74115H_noOs_Drivers files from AD74115H
product page.
7. Copy paste all AD74115H driver files to your project folder.
8. Compile your project (see Figure 16).
Figure 16. Compile MBED Project
9. Connect the SDP-K1 board to the EVAL-AD74115H-ARDZ.
10. Connect a USB cable to the PC and then to the SDP-K1 board.
11. Power up the EVAL-AD74115H-ARDZ with the relevant power
supplies.
12. Download the code to the SDP-K1 board (see Figure 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24