| Moteur de recherche de fiches techniques de composants électroniques |
|
LS80C52 Fiches technique(PDF) 23 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
LS80C52 Fiches technique(HTML) 23 Page - Intel Corporation |
|
23 / 23 page ![]() 8XC525458 EPROM PROGRAMMING AND VERIFICATION WAVEFORMS 272336 – 23 5 pulses for the EPROM array 25 pulses for the encryption table and lock bits Thermal Impedance All thermal impedance data is approximate for static air conditions at 1W of power dissipation Values will change depending on operating conditions and ap- plications See the Intel Packaging Handbook (Order Number 240800) for a description of Intel’s thermal impedance test methodology Package iJA iJC Device P45 CW 16 CW All D45 CW 15 CW All N46 CW 16 CW All S87 CW 18 CW 52 96 CW 24 CW 54 90 CW 22 CW 58 DATA SHEET REVISION HISTORY Data sheets are changed as new device information becomes available Verify with your local Intel sales office that you have the latest version before finaliz- ing a design or ordering devices The following differences exist between this data- sheet (272336-003) and the previous version (272336-002) 1 Removed 8XC5X-3 and 8XC5X-20 from the data sheet 2 Included 8XC5X-24 and 8XC5X-33 devices 3 Removed the statement ‘‘The 80C32 standard -1 and -2 and 80C52 standard -1 and -2 do not have the ’’ from the section DESIGN CONSID- ERATION The following differences exist between this data- sheet (272336-002) and the previous version (272336-001) 1 Removed 8XC5X-L from the data sheet 2 Included features not available in 80C32-Stan- dard -1 and -2 and 80C52-Standard -1 and -2 devices This 8XC5X datasheet (272336-001) replaces the following datasheets 87C5280C5280C32 270757-003 87C5280C5280C32 EXPRESS 270868-002 87C52-2080C52-2080C32-20 272272-001 87C5480C54 270816-004 87C5480C54 EXPRESS 270901-001 87C54-20-3 80C54-20-3 270941-003 87C5480C58 270900-003 87C5880C58 EXPRESS 270902-001 87C58-20-3 80C58-20-3 272029-002 23 |