| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPIC30F Fiches technique(PDF) 158 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F Fiches technique(HTML) 158 Page - Microchip Technology |
|
158 / 248 page ![]() dsPIC30F DS70083G-page 156 Preliminary 2004 Microchip Technology Inc. 20.2 Oscillator Configurations 20.2.1 INITIAL CLOCK SOURCE SELECTION While coming out of Power-on Reset or Brown-out Reset, the device selects its clock source based on: a) FOS<2:0> configuration bits that select one of four oscillator groups, b) and FPR<4:0> configuration bits that select one of 13 oscillator choices within the primary group. The selection is as shown in Table 20-2. TABLE 20-2: CONFIGURATION BIT VALUES FOR CLOCK SELECTION Note: Some devices may have different FOS and FPR values from Table 20-2, depend- ing on the oscillator modes supported. Refer to individual device data sheets for details. Oscillator Mode Oscillator Source FOS<2:0> FPR<4:0> OSC2 Function ECIO w/ PLL 4x PLL 1 1 10 1 1 0 1 I/O ECIO w/ PLL 8x PLL 1 1 10 1 1 1 0 I/O ECIO w/ PLL 16x PLL 1 1 10 1 1 1 1 I/O FRC w/ PLL 4x PLL 1 1 10 0 0 0 1 I/O FRC w/ PLL 8x PLL 1 1 10 1 0 1 0 I/O FRC w/ PLL 16x PLL 1 1 10 0 0 1 1 I/O XT w/ PLL 4x PLL 1 1 10 0 1 0 1 OSC2 XT w/ PLL 8x PLL 1 1 10 0 1 1 0 OSC2 XT w/ PLL 16x PLL 1 1 10 0 1 1 1 OSC2 HS2 w/ PLL 4x PLL 1 1 11 0 0 0 1 OSC2 HS2 w/ PLL 8x PLL 1 1 11 0 0 1 0 OSC2 HS2 w/ PLL 16x PLL 1 1 11 0 0 1 1 OSC2 HS3 w/ PLL 4x PLL 1 1 11 0 1 0 1 OSC2 HS3 w/ PLL 8x PLL 1 1 11 0 1 1 0 OSC2 HS3 w/ PLL 16x PLL 1 1 11 0 1 1 1 OSC2 ECIO External 0 1 10 1 1 0 0 I/O XT External 0 1 10 0 1 0 0 OSC2 HS External 0 1 10 0 0 1 0 OSC2 EC External 0 1 10 1 0 1 1 CLKOUT ERC External 0 1 10 1 0 0 1 CLKOUT ERCIO External 0 1 10 1 0 0 0 I/O XTL External 0 1 10 0 0 0 0 OSC2 LP Secondary 0 0 0X X X X X (Notes 1, 2) FRC Internal FRC 0 0 1X X X X X (Notes 1, 2) LPRC Internal LPRC 0 1 0X X X X X (Notes 1, 2) Note 1: OSC2 pin function is determined by (FPR<4:0>). 2: Note that OSC1 pin cannot be used as an I/O pin even if the secondary oscillator or an internal clock source is selected at all times. |