Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSPIC30F Fiches technique(PDF) 26 Page - Microchip Technology

No de pièce DSPIC30F
Description  General Purpose and Sensor Families High-Performance Digital Signal Controllers
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F Fiches technique(HTML) 26 Page - Microchip Technology

Back Button DSPIC30F Datasheet HTML 22Page - Microchip Technology DSPIC30F Datasheet HTML 23Page - Microchip Technology DSPIC30F Datasheet HTML 24Page - Microchip Technology DSPIC30F Datasheet HTML 25Page - Microchip Technology DSPIC30F Datasheet HTML 26Page - Microchip Technology DSPIC30F Datasheet HTML 27Page - Microchip Technology DSPIC30F Datasheet HTML 28Page - Microchip Technology DSPIC30F Datasheet HTML 29Page - Microchip Technology DSPIC30F Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 248 page
background image
dsPIC30F
DS70083G-page 24
Preliminary
 2004 Microchip Technology Inc.
2.3
Instruction Flow
There are 8 types of instruction flows:
1.
Normal one-word, one-cycle instructions: these
instructions take one effective cycle to execute
as shown in Figure 2-2.
FIGURE 2-2:
INSTRUCTION PIPELINE FLOW: 1-WORD, 1-CYCLE
2.
One-word, two-cycle (or three-cycle) instruc-
tions that are flow control instructions: these
instructions include the relative branches, rela-
tive call, skips and returns. When an instruction
changes the PC (other than to increment it), the
pipelined fetch is discarded. This causes the
instruction to take two effective cycles to exe-
cute as shown in Figure 2-3. Some instructions
that change program flow require 3 cycles, such
as the RETURN, RETFIE and RETLW instruc-
tions, and instructions that skip over 2-word
instructions.
FIGURE 2-3:
INSTRUCTION PIPELINE FLOW: 1-WORD, 2-CYCLE
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV.b #0x55,W0
Fetch 1
Execute 1
2. MOV.b #0x35,W1
Fetch 2
Execute 2
3. ADD.b W0,W1,W2
Fetch 3
Execute 3
T
CY0TCY1TCY2TCY3TCY4TCY5
1. MOV
#0x55,W0
Fetch 1
Execute 1
2. BTSC W1,#3
Fetch 2
Execute 2
Skip Taken
3. ADD
W0,W1,W2
Fetch 3
Flush
4. BRA
SUB_1
Fetch 4
Execute 4
5. SUB
W0,W1,W3
Fetch 5
Flush
6. Instruction @ address SUB_1
Fetch SUB_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More