| Moteur de recherche de fiches techniques de composants électroniques |
|
PR2 Fiches technique(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
PR2 Fiches technique(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
|
1 / 1 page ![]() B-6 Single Bayonet Base B-3 1/2 Single Contact Miniature Flange Base Number Part Voltage Des ign Amps MS C P Hours Life Type F ilament C M1317 C M209 C M105 C M1003 C M601-1 CM1308 28.0 28.0 12.8 12.8 6.5 6.0 .56 .56 .94 1.00 1.78 .45 16.0 - 15.0 12.0 15.0 3.4 2,000 2,000 100 500 100 100 CC-81 C M1309 28.0 .52 15.0 300 2C -2R CC-81 C-6 C-6 C-6 C-6 C omments B lk. B onnet C omments K ryton G as F ill K ryton G as F ill C-2R C-2R S-2 C-2R C-2R C-2R 15 15 50 45 30 15 2.70 1.50 .15 .25 .45 1.47 .70 .50 .07 .15 .30 .84 3.60 3.57 3.00 2.70 2.47 2.40 KP R103 PR 3 C M395X PR 9 PR 6 KP R 131 Number Part Voltage Des ign Amps MS C P Hours Life Type Filament PR 8 PR 1 PR 28 PR 4 PR 5 PR 2 KP R102 2.40 2.38 2.35 2.33 2.20 2.00 1.90 .70 .50 .35 .27 .80 .95 .60 1.30 .80 .45 .40 .90 1.00 .65 15 15 35 10 20 40 10 C-2R C-2R C-2R C-2R C-6 C-2R C-2R C-2R C-2R 30 30 .90 .60 .30 .20 3.70 3.60 PR 7 PR 29 PR 18 PR 20 PR 16 12.50 8.63 7.20 .25 .50 .55 2.70 5.00 4.20 50 15 20 C-2R C-2R C-2R C-2R C-2R C-2R C-2R C-2R C-2R C-2R 40 15 15 30 30 15 15 2.25 2.00 4.06 2.00 1.20 3.00 5.23 .86 .50 .70 .50 .30 .50 .55 3.75 4.75 4.80 4.82 4.90 5.95 7.20 KP R118 PR 12 PR 17 PR 15 K P R 113 PR 13 PR 30 K ryton G as F ill K ryton G as F ill Kryton G as F ill 1.75 MAX . MAX . .780 1.25 MAX . .445 MAX . America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Dürkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product |
Numéro de pièce similaire - PR2 |
|
Description similaire - PR2 |