Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5378ABC Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD5378ABC
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5378ABC Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD5378ABC Datasheet HTML 4Page - Analog Devices AD5378ABC Datasheet HTML 5Page - Analog Devices AD5378ABC Datasheet HTML 6Page - Analog Devices AD5378ABC Datasheet HTML 7Page - Analog Devices AD5378ABC Datasheet HTML 8Page - Analog Devices AD5378ABC Datasheet HTML 9Page - Analog Devices AD5378ABC Datasheet HTML 10Page - Analog Devices AD5378ABC Datasheet HTML 11Page - Analog Devices AD5378ABC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5378
Rev. PrA | Page 8 of 28
SCLK
SYNC
DIN
SDO
LDAC
BUSY
INPUT WORD FOR DAC N
INPUT WORD FOR DAC N
UNDEFINED
INPUT WORD FOR DAC N+1
t24
t11
t13
t23
t21
t22
t20
t8
t9
t4
t7
t3
t2
t1
D23
D0
D0
D0'
D23'
D23
24
48
Figure 5. Serial Interface Timing Diagram (Daisy-Chain Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28