| Moteur de recherche de fiches techniques de composants électroniques |
|
M95M02-DFMN6TG/K Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95M02-DFMN6TG/K Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 45 page ![]() Table 18. WLCSP8 with BSC - Mechanical data Symbol millimeters inches(1) Min Typ Max Min Typ Max A 0.525 0.565 0.605 0.0207 0.0222 0.0238 A1 - 0.190 - - 0.0075 - A2 - 0.350 - - 0.0138 - A3 - 0.025 - - 0.0010 - b(2) - 0.270 - - 0.0106 - D - 3.556 3.576 - 0.1400 0.1408 E - 2.011 2.031 - 0.0792 0.0800 e - 1.000 - - 0.0394 - e1 - 1.200 - - 0.0472 - e2 - 2.100 - - 0.0827 - F - 0.505 - - 0.0199 - G - 0.500 - - 0.0197 - H - 0.728 - - 0.0287 - J - 0.200 - - 0.0079 - aaa - 0.110 - - 0.0043 - bbb - 0.110 - - 0.0043 - ccc - 0.110 - - 0.0043 - ddd - 0.060 - - 0.0024 - eee - 0.060 - - 0.0024 - 1. Values in inches are converted from mm and rounded to 4 decimal digits. 2. Dimension is measured at the maximum bump diameter parallel to primary datum Z. Figure 29. WLCSP8 with BSC - Recommended footprint 2.100 0.500 1.000 1.200 0.200 ø 0.270 0.500 1. Dimensions are expressed in millimeters. M95M02-DR M95M02-DF WLCSP8 with BSC package information DS7024 - Rev 13 page 37/45 |