Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95M02-DFCS6G/K Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce M95M02-DFCS6G/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DFCS6G/K Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button M95M02-DFCS6G/K Datasheet HTML 36Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 37Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 38Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 39Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 40Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 41Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 42Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 43Page - STMicroelectronics M95M02-DFCS6G/K Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Date
Revision
Changes
Updated Section 5.1.3: Power-up conditions and Section 6: Instructions.
Added Table 2: Signals vs. bump position and updated Table 3: Write-protected block size and
footnotes of Table 8: Absolute maximum ratings.
Updated Section 10: Package information, Section 10.1: SO8N package information and Section
10.2: WLCSP package information.
Updated footnote 1 of Table 20: Ordering information scheme and added Note: on Engineering
samples.
28-Sep-2018
11
Updated Figure 1: Logic diagram, Figure 7: Hold condition activation, Figure 8: Write enable
(WREN) sequence, Figure 9: Write disable (WRDI) sequence, Figure 10: Read Status register
(RDSR) sequence, Figure 11: Write Status register (WRSR) sequence, Figure 13: Byte Write
(WRITE) sequence and Figure 15: Read Identification page sequence.
Updated title of Section 6.6.1: Cycling with error correction code (ECC x4) and of Section 11:
Ordering information, and Note: in it.
Updated Section 10.1: SO8N package information and Section 10.2: WLCSP8 package information.
Updated Table 11: AC measurement conditions and Table 20: Ordering information scheme.
Minor text edits across the whole document.
28-Aug-2019
12
Added M95M02-DF.
Updated Features, Section 1: Description and Section 11: Ordering information.
Updated Figure 1: Logic diagram.
Updated Table 15: DC characteristics.
Added Table 10: Operating conditions (M95M02-DF, device grade 5).
Minor text edits across the whole document.
24
‑Oct‑2022
13
Updated:
•
Features
•
Section 2 Block diagram
•
Section 4 Connecting to the SPI bus
•
Table 16. SO8N – Mechanical data
•
Section 11 Ordering information
Minor text edits across the whole document.
M95M02-DR M95M02-DF
DS7024 - Rev 13
page 40/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45