Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD1986ABSTZ Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD1986ABSTZ
Description  AC ??7 and HD Audio SoundMAX Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD1986ABSTZ Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD1986ABSTZ Datasheet HTML 9Page - Analog Devices AD1986ABSTZ Datasheet HTML 10Page - Analog Devices AD1986ABSTZ Datasheet HTML 11Page - Analog Devices AD1986ABSTZ Datasheet HTML 12Page - Analog Devices AD1986ABSTZ Datasheet HTML 13Page - Analog Devices AD1986ABSTZ Datasheet HTML 14Page - Analog Devices AD1986ABSTZ Datasheet HTML 15Page - Analog Devices AD1986ABSTZ Datasheet HTML 16Page - Analog Devices AD1986ABSTZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
AD1986A
Rev. 0 | Page 13 of 56
Reg
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x661 Function Select
x
x
x
x
x
x
x
x
x
x
x
FC3
FC2
FC1
FC0
T/R
0x0000
0x681 Function Information G4
G3
G2
G1
G0
INV
DL4
DL3
DL2
DL1
DL0
IV
x
x
x
FIP
0xXxxx
0x6A1 Sense Register
ST2
ST1
ST0
S4
S3
S2
S1
S0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR0
0xXxxx
1 Codec is always master, ID bits are read-only 0 (zeros).
2 Bits for the AD198x are backward-compatible only, AC97NC and MSPLT are read-only 1 (ones).
3 SODIS/SOSEL were LODIS/LOSEL in the AD1985. Most AD1985 configurations swap LINE_OUT and SURROUND pins; these bits really operate as SO not LO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56