| Moteur de recherche de fiches techniques de composants électroniques |
|
AD9380/PCB Fiches technique(PDF) 52 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9380/PCB Fiches technique(HTML) 52 Page - Analog Devices |
|
52 / 60 page ![]() AD9380 Rev. 0 | Page 52 of 60 0xC9—Bits[7:0] ISRC1 Packet Byte 0 (ISRC1_PB0) 0xCA—Bits[7:0] ISRC1_PB1 0xCB—Bits[7:0] ISRC1_PB2 0xCC—Bits[7:0] ISRC1_PB3 0xCD—Bits[7:0] ISRC1_PB4 0xCE—Bits[7:0] ISRC1_PB5 0xCF—Bits[6:0] New Data Flags See Register 0x87 for a description. 0xD0—Bits[7:0] ISRC1_PB6 0xD1—Bits[7:0] ISRC1_PB7 0xD2—Bits[7:0] ISRC1_PB8 0xD3—Bits[7:0] ISRC1_PB9 0xD4—Bits[7:0] ISRC1_PB10 0xD5—Bits[7:0] ISRC1_PB11 0xD6—Bits[7:0] ISRC1_PB12 0xD7—Bits[6:0] New Data Flags See Register 0x87 for a description. 0xD8—Bits[7:0] ISRC1_PB13 0xD9—Bits[7:0] ISRC1_PB14 0xDA—Bits[7:0] ISRC1_PB15 0xDB—Bits[7:0] SRC1_PB16 0xDC—Bits[7:0] ISRC2 Packet Byte 0 (ISRC2_PB0) This byte is transmitted only when the ISRC continue bit (Register 0xC8 Bit 7) is set to 1. 0xDD—Bits[7-0] ISRC2_PB1 0xDE—Bits[7-0] ISRC2_PB2 0xDF—Bits[6-0] New Data Flags See Register 0x87 for a description. 0xE0—Bits[7:0] ISRC2_PB3 0xE1—Bits[7:0] ISRC2_PB4 0xE2—Bits[7:0] ISRC2_PB5 0xE3—Bits[7:0] ISRC2_PB6 0xE4—Bits[7:0] ISRC2_PB7 0xE5—Bits[7:0] ISRC2_PB8 0xE6—Bits[7:0] ISRC2_PB9 0xE7—Bits[6:0] New Data Flags See Register 0x87 for a description. 0xE8—Bits[7:0] ISRC2_PB10 0xE9—Bits[7:0] ISRC2_PB11 0xEA—Bits[7:0] ISRC2_PB12 0xEB—Bits[7:0] ISRC2_PB13 0xEC—Bits[7:0] ISRC2_PB14 0xED—Bits[7:0] ISRC2_PB15 0xEE—Bits[7:0] ISRC2_PB16 |