| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS91730 Fiches technique(PDF) 1 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS91730 Fiches technique(HTML) 1 Page - Integrated Circuit Systems |
|
1 / 11 page ![]() Integrated Circuit Systems, Inc. ICS91730 0794D—05/23/05 Block Diagram Pin Configuration Features: • ICS91730 is a Spread Spectrum Clock targeted for Mobile PC and LCD panel applications that generates an EMI-optimized clock signal (EMI peak reduction of 7-14 dB on 3rd-19th harmonics) through use of Spread Spectrum techniques. • ICS91730 focuses on the lower input frequency range of 14.318 to 80.00 MHz with a spread modulation of 20kHz to 40kHz. Specifications: • Supply Voltages: VDD = 3.3V ±0.3V • Frequency range: 14.318 MHz ≤ Fin ≥ 80 MHz • Cyc to Cyc jitter: <150ps • Output duty cycle 45-55% • Guarantees +85°C operational condition. • 8-pin SOIC • Reference input Low EMI, Spread Modulating, Clock Generator Functionality CLK CL REFOUT KOUT OUT PD# PD# CLKIN CLKIN PLL1 PLL1 Spread Spread Spectr Spectrum um SD SDA AT TA A SCLK SCLK FS_IN1 Control Control Logic Logic Config. Config. Reg. Reg. FSIN_1 0 -0.8 down spread 1 -1.25 down spread 27.00MHz in --> 27.00MHz out MHz Spread % default 14.318 MHz in --> 27MHz out CLKIN 18 PD#* VDD 27 SCLK GND 36 SDATA CLKOUT 45 REF_OUT/FS_IN1* 8 Pin SOIC * Internal Pull-Up Resistor |
Numéro de pièce similaire - ICS91730 |
|
Description similaire - ICS91730 |