Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0803LCN Fiches technique(PDF) 15 Page - NXP Semiconductors

No de pièce ADC0803LCN
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803LCN Fiches technique(HTML) 15 Page - NXP Semiconductors

Back Button ADC0803LCN Datasheet HTML 10Page - NXP Semiconductors ADC0803LCN Datasheet HTML 11Page - NXP Semiconductors ADC0803LCN Datasheet HTML 12Page - NXP Semiconductors ADC0803LCN Datasheet HTML 13Page - NXP Semiconductors ADC0803LCN Datasheet HTML 14Page - NXP Semiconductors ADC0803LCN Datasheet HTML 15Page - NXP Semiconductors ADC0803LCN Datasheet HTML 16Page - NXP Semiconductors ADC0803LCN Datasheet HTML 17Page - NXP Semiconductors ADC0803LCN Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
15
SO20:
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18