| Moteur de recherche de fiches techniques de composants électroniques |
|
PEMB13 Fiches technique(PDF) 3 Page - Nexperia B.V. All rights reserved |
|
|
|||||||||||||||||||||||||||||
PEMB13 Fiches technique(HTML) 3 Page - Nexperia B.V. All rights reserved |
|
3 / 15 page ![]() PEMB13_PUMB13 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 4 — 7 December 2011 2 of 14 NXP Semiconductors PEMB13; PUMB13 PNP/PNP resistor-equipped transistors; R1 = 4.7 k , R2 = 47 k 2. Pinning information 3. Ordering information 4. Marking [1] * = placeholder for manufacturing site code Table 3. Pinning Pin Description Simplified outline Graphic symbol 1 GND (emitter) TR1 2 input (base) TR1 3 output (collector) TR2 4 GND (emitter) TR2 5 input (base) TR2 6 output (collector) TR1 001aab555 6 4 5 1 3 2 006aaa212 5 R1 R2 R2 TR1 TR2 R1 64 2 13 Table 4. Ordering information Type number Package Name Description Version PEMB13 - plastic surface-mounted package; 6 leads SOT666 PUMB13 SC-88 plastic surface-mounted package; 6 leads SOT363 Table 5. Marking codes Type number Marking code[1] PEMB13 45 PUMB13 B*5 |