Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PUMB1 Fiches technique(PDF) 3 Page - Nexperia B.V. All rights reserved

No de pièce PUMB1
Description  PNP/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB1 Fiches technique(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUMB1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMB1 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PEMB1_PUMB1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 28 November 2011
2 of 14
NXP Semiconductors
PEMB1; PUMB1
PNP/PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = placeholder for manufacturing site code
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
006aaa212
5
R1
R2
R2
TR1
TR2
R1
64
2
13
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMB1
-
plastic surface-mounted package; 6 leads
SOT666
PUMB1
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code[1]
PEMB1
Z4
PUMB1
B*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15