Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56366 Fiches technique(PDF) 21 Page - Motorola, Inc

No de pièce DSP56366
Description  Digital Signal Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56366 Fiches technique(HTML) 21 Page - Motorola, Inc

Back Button DSP56366 Datasheet HTML 17Page - Motorola, Inc DSP56366 Datasheet HTML 18Page - Motorola, Inc DSP56366 Datasheet HTML 19Page - Motorola, Inc DSP56366 Datasheet HTML 20Page - Motorola, Inc DSP56366 Datasheet HTML 21Page - Motorola, Inc DSP56366 Datasheet HTML 22Page - Motorola, Inc DSP56366 Datasheet HTML 23Page - Motorola, Inc DSP56366 Datasheet HTML 24Page - Motorola, Inc DSP56366 Datasheet HTML 25Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Chip Errata
DSP56366 Digital Signal Processor
Mask:2J26D
DSP56366 Errata
366CE2J26D_0_0
NG 11/12/01 pg. 21 of 25
 1997 -2001, Motorola
ED34
Description (added 1/5/99; identified as a Documentation errata 2/1/99):
When stack extansion is enabled, the read result from stack may be
improper if two previous executed instructions cause sequential read and
write operations with SSH. Two cases are possible:
Case 1:
For the first executed instruction: move from SSH or bit manipulation on
SSH (i.e. jclr, brclr, jset, brset, btst, bsset, jsset, bsclr, jsclr).
For the second executed instruction: move to SSH or bit manipulation on
SSH (i.e. jsr, bsr, jscc, bscc).
For the third executed instruction: an SSL or SSH read from the stack
result may be improper - move from SSH or SSL or bit manipulation on
SSH or SSL (i.e., bset, bclr, bchg, jclr, brclr, jset, brset, btst, bsset, jsset,
bsclr, jsclr).
Workaround:
Add two NOP instructions before the third executed instruction.
Case 2:
For the first executed instruction: bit manipulation on SSH (i.e. bset, bclr,
bchg).
For the second executed instruction: an SSL or SSH read from the stack
result may be improper - move from SSH or SSL or bit manipulation on
SSH or SSL (i.e., bset, bclr, bchg, jclr, brclr, jset, brset, btst, bsset, jsset,
bsclr, jsclr).
Workaround:
Add two NOP instructions before the second executed instruction.
Pertains to: DSP56300 Family Manual, Appendix B, add a new section
called “Stack Extension Enable Restrictions.” Cover all cases. Also, in
Section 6.3.11.15, add a cross reference to this new section.
2J26D
Errata Description
Applies
to Mask
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25