Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP56321RM/D Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce DSP56321RM/D
Description  24-Bit Digital Signal Processor
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56321RM/D Fiches technique(HTML) 2 Page - NXP Semiconductors

  DSP56321RM/D Datasheet HTML 1Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 2Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 3Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 4Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 5Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 6Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 7Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 8Page - NXP Semiconductors DSP56321RM/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
ii
Table of Contents
DSP56321T Features .......................................................................................................................................... iii
Target Applications ..............................................................................................................................................v
Product Documentation........................................................................................................................................v
Chapter 1
Signal/ Connection Descriptions
1.1
Signal Groupings.............................................................................................................................................. 1-1
1.2
Power................................................................................................................................................................ 1-3
1.3
Ground.............................................................................................................................................................. 1-3
1.4
Clock ................................................................................................................................................................ 1-3
1.5
External Memory Expansion Port (Port A)...................................................................................................... 1-4
1.6
Interrupt and Mode Control ............................................................................................................................. 1-7
1.7
Host Interface (HI08) ....................................................................................................................................... 1-8
1.8
Enhanced Synchronous Serial Interface 0 (ESSI0)........................................................................................ 1-12
1.9
Enhanced Synchronous Serial Interface 1 (ESSI1)........................................................................................ 1-13
1.10
Serial Communication Interface (SCI)........................................................................................................... 1-15
1.11
Timers............................................................................................................................................................. 1-16
1.12
JTAG and OnCE Interface ............................................................................................................................. 1-17
Chapter 2
Specifications
2.1
Introduction ...................................................................................................................................................... 2-1
2.2
Maximum Ratings ............................................................................................................................................ 2-1
2.3
Thermal Characteristics ................................................................................................................................... 2-2
2.4
DC Electrical Characteristics ........................................................................................................................... 2-3
2.5
AC Electrical Characteristics ........................................................................................................................... 2-4
Chapter 3
Packaging
3.1
Pin-Out and Package Information.................................................................................................................... 3-1
3.2
FC-PBGA Package Description....................................................................................................................... 3-2
3.3
FC-PBGA Package Mechanical Drawing...................................................................................................... 3-10
Chapter 4
Design Considerations
4.1
Thermal Design Considerations ....................................................................................................................... 4-1
4.2
Electrical Design Considerations ..................................................................................................................... 4-2
4.3
Power Consumption Considerations ................................................................................................................ 4-3
4.4
Input (EXTAL) Jitter Requirements................................................................................................................. 4-4
Appendix A
Power Consumption Benchmark
Index
Data Sheet Conventions
OVERBAR
Used to indicate a signal that is active when pulled low (For example, the RESET pin is active when
low.)
“asserted”
Means that a high true (active high) signal is high or that a low true (active low) signal is low
“deasserted”
Means that a high true (active high) signal is low or that a low true (active low) signal is high
Examples:
Signal/Symbol
Logic State
Signal State
Voltage
PIN
True
Asserted
VIL/VOL
PIN
False
Deasserted
VIH/VOH
PIN
True
Asserted
VIH/VOH
PIN
False
Deasserted
VIL/VOL
Note: Values for VIL, VOL, VIH, and VOH are defined by individual product specifications.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88