Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P87LPC768 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce P87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768 Fiches technique(HTML) 4 Page - NXP Semiconductors

  P87LPC768 Datasheet HTML 1Page - NXP Semiconductors P87LPC768 Datasheet HTML 2Page - NXP Semiconductors P87LPC768 Datasheet HTML 3Page - NXP Semiconductors P87LPC768 Datasheet HTML 4Page - NXP Semiconductors P87LPC768 Datasheet HTML 5Page - NXP Semiconductors P87LPC768 Datasheet HTML 6Page - NXP Semiconductors P87LPC768 Datasheet HTML 7Page - NXP Semiconductors P87LPC768 Datasheet HTML 8Page - NXP Semiconductors P87LPC768 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
2
ORDERING INFORMATION
Part Number
Temperature Range
°C and Package
Frequency
Drawing Number
P87LPC768BN
0 to +70, Plastic Dual In-Line Package
20 MHz (5 V), 10 MHz (3 V)
SOT146–1
P87LPC768BD
0 to +70, Plastic Small Outline Package
20 MHz (5 V), 10 MHz (3 V)
SOT163–1
P87LPC768FN
–45 to +85, Plastic Dual In-Line Package
20 MHz (5 V), 10 MHz (3 V)
SOT146–1
P87LPC768FD
–45 to +85, Plastic Small Outline Package
20 MHz (5 V), 10 MHz (3 V)
SOT163–1
PIN CONFIGURATION, 20-PIN DIP AND SO PACKAGES
SU01361
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
PWM3/CMP2/P0.0
PWM2/P1.7
PWM1/P1.6
RST/P1.5
VSS
X1/P2.1
X2/CLKOUT/P2.0
INT1/P1.4
SDA/INT0/P1.3
SCL/T0/P1.2
P0.1/CIN2B/PWM0
P0.2/CIN2A/BRAKE
P0.3/CIN1B/AD0
P0.4/CIN1A/AD1
P0.5/CMPREF/AD2
VDD
P0.6/CMP1/AD3
P1.0/TxD
P0.7/T1
P1.1/RxD
10
LOGIC SYMBOL
T1
X1
SU01362
VDD
VSS
TxD
CMP2
CIN2B
CIN2A
CIN1B
CIN1A
CMPREF
CMP1
CLKOUT/X2
RxD
INT0
RST
INT1
T0
SCL
SDA
AD0
AD1
AD2
AD3
PWM3
PWM0
BRAKE
PWM1
PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64