| Moteur de recherche de fiches techniques de composants électroniques |
|
165RHT Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
165RHT Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 10 page ![]() 1998 Jan 29 296 Philips Components Maintenance type Aluminium electrolytic capacitors Radial High Temperature 165 RHT MECHANICAL DATA, AVAILABLE FORMS AND PACKAGING QUANTITIES Fig.2 Form CA: Long leads. Dimensions in mm. For dimensions see Table 1. handbook, halfpage L F 15 min 5 min MRA220 Od O D Fig.3 Form CB: Cut leads. Dimensions in mm. For dimensions see Table 1. handbook, halfpage MBC417 O D L 4 1 0 F O d Table 1 Physical dimensions, mass and packaging quantities; see Figs 2 and 3 NOMINAL CASE SIZE ∅D × L (mm) CASE CODE ∅d (mm) ∅Dmax (mm) Lmax (mm) F (mm) MASS (g) PACKAGING QUANTITIES PER BOX FORM CA FORM CB FORM TFA 10 × 12 14 0.6 10.5 13.5 5.0 ±0.5 ≈1.6 1000 500 800 10 × 16 15 0.6 10.5 17.5 5.0 ±0.5 ≈1.9 500 500 800 10 × 20 16 0.6 10.5 22.0 5.0 ±0.5 ≈2.2 500 500 800 12.5 × 20 17 0.6 13.0 22.0 5.0 ±0.5 ≈4.0 500 500 500 12.5 × 25 18 0.6 13.0 27.0 5.0 ±0.5 ≈5.0 250 250 500 16 × 25 19 0.8 16.5 27.0 7.5 ±0.5 ≈8.0 250 250 250 16 × 31 20 0.8 16.5 33.5 7.5 ±0.5 ≈9.0 100 100 250 16 × 35 21 0.8 16.5 37.5 7.5 ±0.5 ≈11.5 100 100 − |