| Moteur de recherche de fiches techniques de composants électroniques |
|
DA6021 Fiches technique(PDF) 57 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA6021 Fiches technique(HTML) 57 Page - Renesas Technology Corp |
|
57 / 225 page ![]() DA6021 HIGHLY INTEGRATED POWER MANAGEMENT IC FOR INTEL® ATOM™ Z3000 PROCESSOR Company Confidential Data Sheet Version 3.A - Final 31-Jan-14 © 2014 Dialog Semiconductor GmbH 57 of 224 www.dialog-semiconductor.com Cold Off 10.3.9 A Cold Off, either through a SOC request or a system event, requests DA6021 in the ‘Mechanical Off’ (SOC G3, G3 for battery removal with no external power source) state. The system remains in this state until it receives a wake-up event, or until platform power sources are removed. Event Conditions (all mandatory) Notes SOC Initiated Shut Down SUSPWRDNACKCFG = 1 SUSPWRDNACK = 1 SLP_S4_B = 0 RSMRST_B = 1 DA6021 powers down in sequenced order controlled by SLP_S*_B and SUSPWRDNACK = 1 from SOC Power Button Held Power button pressed for a defined length in FCOT[3:0] or longer (i.e. PBHT Timer ≥ FCOT[3:0]) After debounce time, power button are held for at least the length defined in FCOT[3:0] (the default is 4 seconds), assert SDWN_B immediately. After 90us, DA6021 powers down in sequenced order, without waiting for SLP_S*_B from SOC PMIC Critical Events See events defined in “PMIC Catastrophic and Critical Events ” Assert SDWN_B immediately. After 90us, DA6021 powers down in sequenced order, without waiting for SLP_S*_B from SOC PMIC Catastrophic Events Except VSYSOVP See events defined in “PMIC Catastrophic and Critical Events ” Assert SDWN_B immediately. After 90us, DA6021 powers down, without waiting for SLP_S*_B from SOC VSYSOVP See events defined in “PMIC Catastrophic and Critical Events ” Assert SDWN_B together with powering down immediately without waiting for SLP_S*_B from SOC Table 21: Cold Off Triggers Cold Off sequencing and timings are detailed in the figures and tables below. |