| Moteur de recherche de fiches techniques de composants électroniques |
|
DA16200 Fiches technique(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DA16200 Fiches technique(HTML) 86 Page - Renesas Technology Corp |
|
86 / 154 page ![]() DA16200 Ultra Low Power Wi-Fi SoC Datasheet Revision 3.6 04-Jan-2023 CFR0011-120-00 86 of 153 © 2023 Renesas Electronics Bit Mode Symbol Description Reset [11:10] GPIOC5 [9:8] GPIOC4 [7:6] GPIOC3 [5:4] GPIOC2 [3:2] GPIOC1 [1:0] GPIOC0 Table 74: GPIO2_SR (0x5000_1248) Bit Mode Symbol Description Reset 8:0 R/W - Slew Rate control, Default = 0 (fast slew) [8] GPIOC8 [7] GPIOC7 … [1] GPIOC1 [0] GPIOC0 0x0000 Table 75: GPIO2_PE_PS (0x5000_124C) Bit Mode Symbol Description Reset 24:16 R/W - Pull-Up/Down Enable (active high) [24] GPIOC8 [23] GPIOC7 … [17] GPIOC1 [16] GPIOC0 0x01FF 8:0 R/W - Pull Selection, Pull-Up = 1, Pull-Down =0 [8] GPIOC8 [7] GPIOC7 … [1] GPIOC1 [0] GPIOC0 0x0000 Table 76: GPIO2_IE_IS (0x5000_1250) Bit Mode Symbol Description Reset 24:16 R/W - Input Enable (active high, default = 1) [24] GPIOC8 [23] GPIOC7 … [17] GPIOC1 [16] GPIOC0 0x01FF 8:0 R/W - Input Selection: 0 CMOS 1: Schmitt (default = 1) [8] GPIOC8 [7] GPIOC7 … 0x01FF |