Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST33TPHF2XI2C Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce ST33TPHF2XI2C
Description  STSAFE-TPM ST33TPHF2XI2C: TPM 2.0 device with an I²C interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST33TPHF2XI2C Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button ST33TPHF2XI2C Datasheet HTML 17Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 18Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 19Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 20Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 21Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 22Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 23Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 24Page - STMicroelectronics ST33TPHF2XI2C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
9
Ordering information
Table 16. Ordering information
Ordering code
Firmware version
TPM Library
Package
Marking A
Product status
ST33HTPH2X32AHE1
0x00.02.02.00
(1.512)
1.38
VFQFPN32
PXAHE1
Active
(recommended for new design)
ST33HTPH2X32AHD5
0x00.02.01.10
(1.272)
1.38
PXAHD5
Active
Note:
A technical note describing the evolutions between the different firmware versions is available through e-mail
support or the sales channels.
ST33TPHF2XI2C
Ordering information
DS14167 - Rev 1
page 21/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30