Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCPP01-M12 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce TCPP01-M12
Description  USB Type-C™ protection for source application
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 17Page - STMicroelectronics TCPP01-M12 Datasheet HTML 18Page - STMicroelectronics TCPP01-M12 Datasheet HTML 19Page - STMicroelectronics TCPP01-M12 Datasheet HTML 20Page - STMicroelectronics TCPP01-M12 Datasheet HTML 21Page - STMicroelectronics TCPP01-M12 Datasheet HTML 22Page - STMicroelectronics TCPP01-M12 Datasheet HTML 23Page - STMicroelectronics TCPP01-M12 Datasheet HTML 24Page - STMicroelectronics TCPP01-M12 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Figure 13. Tape and reel outline
User direction of unreeling
All dimensions are typical values in mm
4.0
8.0
A0
2.0
0.25
Ø 1.5
K0
0.30
Ø 1.5
Ø 1.5
Table 19. Tape and reel mechanical data
Ref.
Dimensions
Millimeters
Min.
Typ.
Max.
A0
3.76
3.81
3.86
B0
3.76
3.81
3.86
K0
0.71
0.76
0.81
Figure 14. Package orientation in reel
Figure 15. Tape and reel orientation
TCPP02-M18
QFN18L 3.5x3.5 mm package information
DS13787 - Rev 4
page 21/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27