Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESEO-LIV4F Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce TESEO-LIV4F
Description  Tiny Dual-Band GNSS Low Power module
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button TESEO-LIV4F Datasheet HTML 18Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 22Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 23Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 24Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 25Page - STMicroelectronics TESEO-LIV4F Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
15
Labelling information
The labelling of Teseo-LIV4F reports product information.
Information layout of the product is shown in Figure 9:
Figure 9. Module labelling information
Information descriptions are reported in the following table:
Table 11. Module labelling information description
Items
Description
Internal production code
Production date (YWW: years-week), lot identifier.
QR Sample code
QR Sample code used for traceability information of any parts.
Product Name
Official product name for Ordering Code.
Pin 1 hole
Hole on the shield to identify Pin 1.
Teseo-LIV4F
Labelling information
DS13957 - Rev 3
page 22/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30