| Moteur de recherche de fiches techniques de composants électroniques |
|
TCPP02-M18 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TCPP02-M18 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 27 page ![]() 3 Typical USB-C source application block diagram Figure 4. Typical application example Please refer to X-NUCLEO-SRC1M1 documentation (databrief, quick start guide, user manual, schematic and BOM) for detailed application usage of TCPP02-M18 and selection of external components. External components are described in External components description. Please refer to TA0357 for an overview of USB Type-C™ and power delivery technologies. Please refer to AN5225 for more informations related to USB Type-C™ power delivery using STM32xx Series MCUs and STM32xxx series MPUs. For more information on EMI filtering and ESD protection of USB datalines, please refer to AN4871: USB Type-C™ protection and filtering. TCPP02-M18 Typical USB-C source application block diagram DS13787 - Rev 4 page 4/27 |