Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STWBC86 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce STWBC86
Description  Qi compatible wireless power transmitter for 5W applications with integrated full bridge
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC86 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button STWBC86 Datasheet HTML 10Page - STMicroelectronics STWBC86 Datasheet HTML 11Page - STMicroelectronics STWBC86 Datasheet HTML 12Page - STMicroelectronics STWBC86 Datasheet HTML 13Page - STMicroelectronics STWBC86 Datasheet HTML 14Page - STMicroelectronics STWBC86 Datasheet HTML 15Page - STMicroelectronics STWBC86 Datasheet HTML 16Page - STMicroelectronics STWBC86 Datasheet HTML 17Page - STMicroelectronics STWBC86 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
Reading from multiple registers (page reading)
Similarly to multiple (page) writing, reading from subsequent registers relies on an auto-increment of the register:
the master can extend data reading to the following registers by generating and an ACK pulse at the end of each
byte. Data reading starts immediately and the stream is terminated by a NMAK pulse at the end of the last data
byte, followed by a STOP condition.
Figure 10. Reading multiple bytes
STWBC86
I2C interface
DS14079 - Rev 1
page 14/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40