| Moteur de recherche de fiches techniques de composants électroniques |
|
STUW81300 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUW81300 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 63 page ![]() DS11314 Rev 7 45/63 STuW81300 Circuit description 58 [11:10] PRCHG_DEL: set the number of calibration slots for pre-charge of VCTRL node at the voltage reference value used during VCO calibration procedure 00: (0) 1 slot (default) 01: (1) 2 slots 10: (2) 3 slots 11: (3) 4 slots [9] CAL_ACC_EN: at ‘1’ increase calibrator accuracy by removing residual error taking 2 additional calibration slots (default = ‘0’) [8:0] CAL_DIV: Set Calibrator clock divider ratio (range:1 to 511); ‘0’ set the maximum ratio (‘511’) |