| Moteur de recherche de fiches techniques de composants électroniques |
|
932SQL456AGILFT Fiches technique(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
932SQL456AGILFT Fiches technique(HTML) 9 Page - Renesas Technology Corp |
|
9 / 24 page ![]() REVISION B 09/29/15 9 LOW-POWER CK420BQ DERIVATIVE FOR PCIE SEPARATE CLOCK ARCHITECTURES 932SQL456 DATASHEET Absolute Maximum Ratings Stresses above the ratings listed below can cause permanent damage to the 932SQL456. These ratings, which are standard values for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature range. Electrical Characteristics–Current Consumption AC Electrical Characteristics–CPU, SRC, NS_SAS, NS_SRC, DOT96 LP-HCSL Outputs |