Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL-R2133A Fiches technique(PDF) 2 Page - Yellow Stone Corp

No de pièce BL-R2133A
Description  STANDARD LED LAMP(RECTANGULAR TYPE)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R2133A Fiches technique(HTML) 2 Page - Yellow Stone Corp

  BL-R2133A Datasheet HTML 1Page - Yellow Stone Corp BL-R2133A Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-081
BL-Rxx32R Series
L-082
BL-Rxx32T Series
L-083
BL-Rxx22U Series
L-084
BL-Rxx32W Series
L-085
BL-Rxx22Z Series
L-086
BL-Rxx33 Series
L-087
BL-Rxx33A Series
L-088
BL-Rxx34 Series
Notes 1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010 ).
1.5(.059) MAX.
2.54 (.10) NOM.
1.0 (.04)
MIN.
2.0(.079)
5.0(.197)
0.5(.02) SQ. TYP.
25.4(1.0) MIN.
6.8(.268)
1.9(.075)
5.05(.198)
MIN.
(.10) NOM.
2.54
MAX.
2.4(.094)
1.0(.04)
2.4(.094)
4.9(.193)
8.6(.339)
0.5(.02) SQ. TYP.
1.5(.059)
25.4(1.0) MIN.
5.0(.197)
NOM.
MIN.
3.2(.126)
2.0(.079)
3.0(.118)
1.0(.039)
25.4(1.00) MIN.
2.54(.100)
1.5(.059) MAX.
3.8(.150)
0.5(.020) SQ.TYP.
3.5(.138)
1.2(.047)
MIN.
NOM.
4.0(.157)
2.0(.079)
3.7(.146)
3.5(.138)
2.5(.098)
1.0(.039)
25.4(1.00) MIN.
3.1(.122)
2.54(.100)
1.5(.059) MAX.
4.0(.157)
0.5(.020) SQ.TYP.
2.2(.087)
0.5(.02) SQ. TYP.
1.95(.077)
2.29 (.090) NOM.
MIN.
1.0(.04)
0.8(.031)
7.8(.307)
12.7(.500) MIN.
MAX.
1.5(.059)
0.7(.028)
1.3(.051)
4.9(.193)
5.0(.197)
1.9(.075)
2.8(.110)
5.03(.20)
2.0(.079)
0.7(.028)
SQ. TYP.
1.5(.059)MAX.
2.54 (.10) NOM.
1.0(.039)
MIN.
0.5(.02) SQ. TYP.
25.4(1.0) MIN.
5.03(.20)
0.5(.020)
2.8(.110)
2.8(.110)
1.9(.075)
6.5(.256)
4.9(.193)
NOM.
3.9(.154)
1.0(.039) MIN.
25.4(1.00) MIN.
2.54(.100)
3.3(.130)
3.7(.146)
1.5(.059) MAX.
3.7(.146)
1.8(.071)
2.7(.106)
0.5(.020) SQ.TYP.
1.4(.055)
2.7(.106)
NOM.
MIN.
4.8(.189)
1.0(.039)
2.29(.090)
1.5(.059) MAX.
2.5(.098)
4.8(.189)
0.5(.020) SQ.TYP.
12.7(.500) MIN.
4.5(.177)
2.3(.09)
2.5(.098)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2