| Moteur de recherche de fiches techniques de composants électroniques |
|
BL-R4432T Fiches technique(PDF) 1 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-R4432T Fiches technique(HTML) 1 Page - Yellow Stone Corp |
|
1 / 2 page ![]() Chip Absolute Maximum Ratings Electro-optical Data(At 20mA) Vf (V) Iv (mcd) Package Part No. Material/ Emitted Color Peak Wave Length p (nm) Lens Appearance (nm) Pd (mw) If (mA) Peak (mA) Typ Max Typ. Viewing Angle 2 1/2 (deg) Drawing No. BL-R1132R GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.5 BL-R5132R GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.2 BL-R4532R GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 8.0 BL-R2132R GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.0 BL-R3132R GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 7.0 BL-R4132R GaAsP/GaP/ Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 8.0 1.9x5.0x 6.8mm 1.0" Lead Rectangular BL-RX1132R GaP/GaP/ Hi-Eff Green 568 Green Diffused 30 80 30 150 2.2 2.6 12.0 140 L-081 BL-R1432T GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 14.0 BL-R5432T GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 30.0 BL-R4632T GaAsP/GaP/ Hi-Eff Red 635 Red Trans 45 80 30 150 2.0 2.6 80.0 BL-R2432T GaP/GaP/ Green 568 Green Trans 30 80 30 150 2.2 2.6 80.0 BL-R3432T GaAsP/GaP / Yellow 585 Yellow Trans 35 80 30 150 2.1 2.6 70.0 BL-R4432T GaAsP/GaP/ Orange 635 Orange Trans 45 80 30 150 2.0 2.6 80.0 2.4x5.0x 8.6mm 1.0" Lead Rectangular BL-RX1432T GaP/GaP/ Hi-Eff Green 568 Green Trans 30 80 30 150 2.2 2.6 100 40 L-082 BL-R1322U GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 1.2 BL-R5322U GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 2.5 BL-R4322U GaAsP/GaP/ Hi-Eff Red 635 45 80 30 150 2.0 2.6 12.0 BL-R2322U GaP/GaP/ Green 568 30 80 30 150 2.2 2.6 12.0 BL-R3322U GaAsP/GaP / Yellow 585 35 80 30 150 2.1 2.6 11.0 BL-R8322U GaP/GaP/ Amber 610 35 80 30 150 2.0 2.6 10.0 2.3x4.6x 4.6mm 0.5" Lead Rectangular BL-R9322U GaP/GaP/ Green 555 Water Clear 25 80 30 150 2.2 2.6 0.9 100 L-083 BL-R1132W GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.9 BL-R5132W GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.8 BL-R4532W GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.0 BL-R2132W GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 6.0 BL-R3132W GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.0 BL-R4132W GaAsP/GaP/ Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 6.0 2.0x5.03x 7.2mm 1.0" Lead Rectangular BL-R9132W GaP/GaP/ Pure Green 555 Green Diffused 30 80 30 150 2.2 2.6 0.7 140 L-084 BL-R1122Z GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.6 BL-R5122Z GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 1.5 BL-R4622Z GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 8.0 BL-R2122Z GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.0 BL-R3122Z GaAsP/GaP/ Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 7.0 BL-R4122Z GaAsP/GaP/ Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 8.0 2.3x4.8x 4.5mm 0.5" Lead Rectangular BL-R9122Z GaP/GaP/ Pure Green 555 Green Diffused 30 80 30 150 2.2 2.6 0.8 100 L-085 BL-R1133 GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.4 BL-R5133 GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.8 BL-R4533 GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 5.0 BL-R2133 GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 5.0 BL-R3133 GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 4.0 BL-R4133 GaAsP/GaP/ Orange 635 Orange Diffused 45 80 30 150 2.0 2.6 5.0 1.4x3.9x 7.0mm 1.0" Lead Rectangular BL-RX1133 GaP/GaP/ Pure Green 568 Green Diffused 30 80 30 150 2.2 2.6 8.0 125 L-086 BL-R1133A GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.5 BL-R5133A GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.9 BL-R4533A GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 6.0 BL-R2133A GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 6.0 BL-R3133A GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 5.0 1.2x3.5x 5.2mm 1.0" Lead Rectangular BL-R4133A GaAsP/GaP/ Orange 635 Orange Diffused 25 80 30 150 2.0 2.6 6.0 120 L-087 BL-R1134 GaAsP/GaAs/ Red 655 40 80 40 200 1.7 2.0 0.4 BL-R5134 GaP/GaP/ Bright Red 700 90 40 15 50 2.2 2.6 0.8 BL-R4534 GaAsP/GaP/ Hi-Eff Red 635 Red Diffused 45 80 30 150 2.0 2.6 5.0 BL-R2134 GaP/GaP/ Green 568 Green Diffused 30 80 30 150 2.2 2.6 5.0 2.0x3.5x 5.6mm 1.0" Lead Rectangular BL-R3134 GaAsP/GaP / Yellow 585 Yellow Diffused 35 80 30 150 2.1 2.6 4.0 120 L-088 Remark 1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity. Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
Numéro de pièce similaire - BL-R4432T |
|
Description similaire - BL-R4432T |