Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC14M Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce 74AC14M
Description  HEX SCHMITT INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC14M Fiches technique(HTML) 4 Page - STMicroelectronics

  74AC14M Datasheet HTML 1Page - STMicroelectronics 74AC14M Datasheet HTML 2Page - STMicroelectronics 74AC14M Datasheet HTML 3Page - STMicroelectronics 74AC14M Datasheet HTML 4Page - STMicroelectronics 74AC14M Datasheet HTML 5Page - STMicroelectronics 74AC14M Datasheet HTML 6Page - STMicroelectronics 74AC14M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
35
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n (per circuit)
TEST CIRCUIT
CL = 50 pF or equivalent (includes jig and probe capacitance)
RL =R1 = 500
Ω or equivalent
RT =ZOUT of pulse generator (typically 50
Ω)
WAVEFORM: PROPAGATION DELAYS (f=1MHz)
74AC14
4/7



Html Pages

1 2 3 4 5 6 7