| Moteur de recherche de fiches techniques de composants électroniques |
|
74AC14 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74AC14 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() INPUT AND OUTPUT EQUIVALENT CIRCUIT ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t VCC Supply Voltage -0.5 to +7 V VI DC Input Voltage -0.5 to VCC + 0.5 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current ± 20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 50 mA ICC or IGND DC VCC or Ground Current ± 300 mA Tstg Storage Temperature -65 to +150 oC TL Lead Temperature (10 sec) 300 oC Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. TRUTH TABLE AY LH HL PIN DESCRIPTION PI N No SYMBOL NAME AND F UNCTIO N 1, 3, 5, 9, 11, 13 1A to 6A Data Inputs 2, 4, 6, 8, 10, 12 1Y to 6Y Data Oututs 7 GND Ground (0V) 14 VCC Positive Supply Voltage RECOMMENDED OPERATING CONDITIONS Symbol Parameter Value Un it VCC Supply Voltage 2 to 6 V VI Input Voltage 0 to VCC V VO Output Voltage 0 to VCC V Top Operating Temperature: -40 to +85 oC dt/dv Input Rise and Fall Time VCC = 3.0, 4.5 or 5.5 V(note 1) 8 ns/V 1) VIN from 30% to 70% of VCC 74AC14 2/7 |