Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD56020M330R Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LD56020M330R
Description  Low input voltage, 200 mA ultra-low noise LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD56020M330R Fiches technique(HTML) 3 Page - STMicroelectronics

  LD56020M330R Datasheet HTML 1Page - STMicroelectronics LD56020M330R Datasheet HTML 2Page - STMicroelectronics LD56020M330R Datasheet HTML 3Page - STMicroelectronics LD56020M330R Datasheet HTML 4Page - STMicroelectronics LD56020M330R Datasheet HTML 5Page - STMicroelectronics LD56020M330R Datasheet HTML 6Page - STMicroelectronics LD56020M330R Datasheet HTML 7Page - STMicroelectronics LD56020M330R Datasheet HTML 8Page - STMicroelectronics LD56020M330R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2
Pin configuration
Figure 2. Pin connection
1
2
3
5
4
VIN
EN
GND
NC
SOT23-5L
(top view)
Flip-chip 4
(marking view)
VOUT
Table 1. Pin description
Symbol
SOT23-5L
Flip-Chip 4
Description
VIN
1
A1
LDO Supply voltage
VOUT
5
A2
LDO Output voltage
GND
2
B2
Ground
EN
3
B1
Enable input: set VEN = high to turn on the device; VEN = low to turn
off the device.
This pin is internally pulled down via a 1 MΩ resistor
NC
4
-
Not internally connected: can be connected to GND
Exposed pad
-
-
Must be connected to GND.
LD56020
Pin configuration
DS13164 - Rev 1
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com