Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808ATR-1 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce ISO808ATR-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR-1 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button ISO808ATR-1 Datasheet HTML 21Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 22Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 23Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 24Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 25Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 26Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 27Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 28Page - STMicroelectronics ISO808ATR-1 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
10
Demagnetization energy
Figure 25. Single pulse demagnetization energy vs. load current (Typical values at TAMB = 125 °C)
ISO808A, ISO808A-1
Demagnetization energy
DS14170 - Rev 1
page 25/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38