Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808ATR Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce ISO808ATR
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808ATR Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button ISO808ATR Datasheet HTML 29Page - STMicroelectronics ISO808ATR Datasheet HTML 30Page - STMicroelectronics ISO808ATR Datasheet HTML 31Page - STMicroelectronics ISO808ATR Datasheet HTML 32Page - STMicroelectronics ISO808ATR Datasheet HTML 33Page - STMicroelectronics ISO808ATR Datasheet HTML 34Page - STMicroelectronics ISO808ATR Datasheet HTML 35Page - STMicroelectronics ISO808ATR Datasheet HTML 36Page - STMicroelectronics ISO808ATR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
16
Ordering information
Table 19. Ordering information
Part number
Package
Packaging
ISO808A
PowerSO-36
Tube
ISO808A-1
PowerSO-36
Tube
ISO808ATR
PowerSO-36
Tape and reel
ISO808ATR-1
PowerSO-36
Tape and reel
ISO808A, ISO808A-1
Ordering information
DS14170 - Rev 1
page 33/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38