Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808A-1 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ISO808A-1
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A-1 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ISO808A-1 Datasheet HTML 3Page - STMicroelectronics ISO808A-1 Datasheet HTML 4Page - STMicroelectronics ISO808A-1 Datasheet HTML 5Page - STMicroelectronics ISO808A-1 Datasheet HTML 6Page - STMicroelectronics ISO808A-1 Datasheet HTML 7Page - STMicroelectronics ISO808A-1 Datasheet HTML 8Page - STMicroelectronics ISO808A-1 Datasheet HTML 9Page - STMicroelectronics ISO808A-1 Datasheet HTML 10Page - STMicroelectronics ISO808A-1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
4
Thermal data
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
PowerSO-36
Rth j-case
Thermal resistance, junction-to-case (1)
0.8
°C/W
Rth j- amb
Thermal resistance, junction-to-ambient (2)
16.9
1. Rth between the die and the bottom case surface measured by cold plate as per JESD51-12.
2. JESD51-7.
ISO808A, ISO808A-1
Thermal
data
DS14170 - Rev 1
page 7/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38