Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISO808A Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce ISO808A
Description  Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO808A Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button ISO808A Datasheet HTML 25Page - STMicroelectronics ISO808A Datasheet HTML 26Page - STMicroelectronics ISO808A Datasheet HTML 27Page - STMicroelectronics ISO808A Datasheet HTML 28Page - STMicroelectronics ISO808A Datasheet HTML 29Page - STMicroelectronics ISO808A Datasheet HTML 30Page - STMicroelectronics ISO808A Datasheet HTML 31Page - STMicroelectronics ISO808A Datasheet HTML 32Page - STMicroelectronics ISO808A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
14
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
14.1
PowerSO-36 package information
Figure 29. PowerSO-36 package outline
ISO808A, ISO808A-1
Package information
DS14170 - Rev 1
page 29/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38