| Moteur de recherche de fiches techniques de composants électroniques |
|
7102P2 Fiches technique(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
7102P2 Fiches technique(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
|
1 / 1 page ![]() DESCRIP TION A ND FE A T URES 7102P/R Series Bright 5 Pipes™ OpticalLightpipes for RJ-Style Jacks • Precision engineered with ray tracing for bright, optically precise even indication and attractive appearance. • ESD protection from circuitry for exceptional reliability. • Optimized for use with Bright5Chips™ SMT LEDs. • High contrast and wide viewing angle for greater visibility. • Parts inserted after reflow to permit LED pad inspection before assembly. • Two lightpipes per port. • 7102P features large square lens (.16"x.16") for high visibility. • 7102R features low profile (.16"x.07"h) rectangular lens ideal for height-constrained applications. Mounting hole pattern on page 1-X5. 7102P5/7102R5 7102P6/7102R6 7101P8/7102R8 7101P7/7102R7 MorT MorT MorT MorT 5 8 7 6 2.75 3.30 3.85 4.40 2.20 2.75 3.30 3.85 Model Mounting Ports DIM A DIM B 7102P1/7102R1 7102P2/7102R2 7102P4/7102R4 7102P3/7102R3 MorT MorT MorT MorT 1 4 3 2 .550 1.10 1.65 2.20 - .550 1.10 1.65 All dimensions in inches. .200 TYP. .350 TYP. .710 .060 DIM B DIM A LENS SURFACE .630 .010 .220 .300 1.280 .430 THICKNESS STANDARD BOARD WILL SNAP INTO .100 .120 .160 C L C L L C L C .160 TYP. HOUSING: WHITE OPAQUE THERMOPLASTIC UL94 V-2 N.A. N.A. N.A. N.A. .175 3.850 3.300 2.750 2.200 1.650 1.100 .550 N.A. .925 .925 .925 N.A. N.A. N.A. N.A. .175 .175 .175 .175 1.650 1.650 1.650 N.A. N.A. N.A. N.A. N.A. DIM G DIM F DIM E DIM D - 4.300 3.750 3.200 2.650 2.100 1.550 1.000 DIM C N.A. N.A. N.A. 1.650 1.650 1.100 .550 N.A. 4.40 3.85 3.30 2.75 2.20 1.65 1.10 .55 8 7 6 5 4 3 2 1 DIM B POR TS DIM A America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Dürkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product |
Numéro de pièce similaire - 7102P2 |
|
Description similaire - 7102P2 |