| Moteur de recherche de fiches techniques de composants électroniques |
|
7101P Fiches technique(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
7101P Fiches technique(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
|
1 / 1 page ![]() • Precision engineered with ray tracing for bright, optically precise even indication and attractive appearance. • ESD protection from circuitry for exceptional reliability. • High contrast and wide viewing angle for greater visibility. • Parts inserted after reflow to permit LED pad inspection before assembly. • Optimized for use with Bright5Chips™ CMD67-21 Series. • 7101P features large square lens (.16" x .16") for high visibility. • 7101R features low profile (.16" x .07"h) rectangular lens ideal for height-constrained applications. • One lightpipe per port. DESCRIP TION A ND FE A T URES 7101P/R Series Bright 5 Pipes™Optical Lightpipes FOR RJ-STYLE JACKS *M=locking press-in pin for .062" boards; T=double sided adhesive (supplied separately) Example: To order Series 7101P Bright5Pipes with 6 ports and press-in pin mounting, you would order 7101P6-M. Mounting hole pattern on page 1-X5. All dimensions in inches. C L C L C L C L .100 .300 1.280 .430 .120 WILL SNAP INTO STANDARD BOARD THICKNESS .110 .220 DIM A DIM B OPTICAL LIGHTPIPE SURFACE (TYP.4) .630 .710 .110 .220 DIM B DIM A .580 .620 OPTICAL LIGHTPIPE SURFACE (TYP.4) 7101P5/7101R5 7101P6/7101R6 7101P8/7101R8 7101P7/7101R7 MorT MorT MorT MorT 5 8 7 6 2.75 3.30 3.85 4.40 2.20 2.75 3.30 3.85 Model Mounting Ports DIM A DIM B 7101P1/7101R5 7101P2/7101R6 7101P4/7101R8 7101P3/7101R7 MorT MorT MorT MorT 1 4 3 2 .550 1.10 1.65 2.20 - .550 1.10 1.65 Ports Dim A Dim B Dim C Dim D Dim E Dim F Dim G 5 8 7 6 1 4 3 2 2.75 3.30 3.85 4.40 .550 1.10 1.65 2.20 N/A 1.00 1.55 2.10 2.65 3.20 3.75 4.30 N/A .550 1.10 1.65 2.20 2.75 3.30 3.85 .175 .175 .175 .175 .175 N/A N/A N/A N/A .550 1.10 1.65 1.65 N/A N/A N/A N/A N/A N/A N/A N/A .925 .925 .925 N/A N/A N/A N/A N/A 1.65 1.65 1.65 .060 America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack -NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Dürkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product |
Numéro de pièce similaire - 7101P |
|
Description similaire - 7101P |