| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP6231-E/P Fiches technique(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP6231-E/P Fiches technique(HTML) 10 Page - Microchip Technology |
|
10 / 20 page ![]() MCP6231/2 DS21881B-page 10 2004 Microchip Technology Inc. 5.0 DESIGN TOOLS Microchip provides the basic design tools needed for the MCP6231/2 family of op amps. 5.1 SPICE Macro Model The latest SPICE macro model for the MCP6231/2 op amps is available on our web site at www.microchip.com. This model is intended to be an initial design tool that works well in the op amp’s linear region of operation at room temperature. See the model file for information on its capabilities. Bench testing is a very important part of any design and cannot be replaced with simulations. Also, simulation results using this macro model need to be validated by comparing them to the data sheet specifications and characteristic curves. 5.2 FilterLab® Software The FilterLab software is an innovative tool that simpli- fies analog active-filter (using op amps) design. Available free of charge from our web site at www.microchip.com, the FilterLab software active-filter design tool provides full schematic diagrams of the filter circuit with component values. It also outputs the filter circuit in SPICE format, which can be used with the macro model to simulate actual filter performance. |