| Moteur de recherche de fiches techniques de composants électroniques |
|
SL2ICS53 Fiches technique(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS53 Fiches technique(HTML) 16 Page - NXP Semiconductors |
|
16 / 33 page ![]() 113730 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 16 of 33 NXP Semiconductors SL2 ICS53/SL2 ICS54 I•CODE SLI-S/I•CODE SLI-S HC PUBLIC 8.1.3.7 Lock page protection condition Command Code = B7h With the Lock Page Protection Condition command the status of the Page Protection Condition of the related page will be locked if the related passwords (Read and/or Write password) have been transmitted before with the Set Password command. If the page is public no password is required. Table 27. Request format SOF Flags Lock Page Protection Condition IC Mfg code UID Page number CRC16 EOF 8 bits 8 bits 8 bits 64 bits 8 bits 16 bits 8 bits Table 28. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 29. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |