Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL2ICS5001EW/V1 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce SL2ICS5001EW/V1
Description  I•CODE SLI-L/I•CODE SLI-L HC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2ICS5001EW/V1 Fiches technique(HTML) 2 Page - NXP Semiconductors

  SL2ICS5001EW/V1 Datasheet HTML 1Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 2Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 3Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 4Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 5Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 6Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 7Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 8Page - NXP Semiconductors SL2ICS5001EW/V1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
136430
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 14 March 2007
2 of 28
NXP Semiconductors
SL2 ICS50/SL2 ICS51
I•CODE SLI-L/I•CODE SLI-L HC
PUBLIC
1.3 Security and privacy aspects
1. Unique Identifier (UID)
The UID can not be altered and guarantees the uniqueness of each label.
2. Password protected Label Destroy
With the 32-bit destroy password an addressed label can be destroyed with the
Destroy command. That status is irreversible and the label will never respond to any
command again.
3. Password protected Privacy Mode
With the 32-bit Privacy password a label can be set to the Privacy mode with the Set
to Privacy Mode command. In that mode the label will not respond to any command
except of the command Get Random Number till it receives again the right Privacy
password. That mode is especially designed to meet the increasing demand to take
care of the customers privacy.
4. Password protected EAS Functionality
With the 32-bit EAS password the addressed label can be set in a mode that the
commands Set EAS and Reset EAS are only executed by the label if the right EAS
password is transmitted to the label within the mentioned commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28