| Moteur de recherche de fiches techniques de composants électroniques |
|
SL2ICS50 Fiches technique(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2ICS50 Fiches technique(HTML) 18 Page - NXP Semiconductors |
|
18 / 28 page ![]() 136430 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 3.0 — 14 March 2007 18 of 28 NXP Semiconductors SL2 ICS50/SL2 ICS51 I•CODE SLI-L/I•CODE SLI-L HC PUBLIC 8.1.3.9 Set EAS Command Code = A2h This command enables the EAS mode if the EAS mode is not locked. If the EAS mode is password protected the EAS password has to be transmitted before with the Set Password command. Table 32. Request format SOF Flags Set EAS IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 33. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 34. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits 8.1.3.10 Reset EAS Command Code = A3h This command disables the EAS mode if the EAS mode is not locked. If the EAS mode is password protected the EAS password has to be transmitted before with the Set Password command. Table 35. Request format SOF Flags Reset EAS IC Mfg code UID CRC16 EOF 8 bits 8 bits 8 bits 64 bits optional 16 bits 8 bits Table 36. Response format when Error_flag is set SOF Flags Error code CRC16 EOF 8 bits 8 bits 16 bits Table 37. Response format when Error_flag is NOT set SOF Flags CRC16 EOF 8 bits 16 bits |