| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2112CT/1 Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2112CT/1 Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 25 page ![]() PCF21XXC_FAM All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 3 — 6 May 2015 8 of 25 NXP Semiconductors PCF21xxC family LCD drivers 7.6 Input circuitry 7.7 Expansion VSS line is common. In systems where it is expected that VDD2 >VDD1 + 0.5 V, a resistor should be inserted to reduce the current flowing through the input protection. Maximum input current 40 A. Fig 10. Input circuitry By connecting OSC to VSS the BP pins become inputs and generate signals synchronized to the single oscillator frequency, thus allowing expansion of several members of the PCF21xxC family up to the BP drive capability of the master. The PCF2112C can only function as a master for other PCF2112Cs. Fig 11. Expansion possibility (using PCF2111C) |