| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF2131 Fiches technique(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2131 Fiches technique(HTML) 30 Page - NXP Semiconductors |
|
30 / 86 page ![]() NXP Semiconductors PCF2131 Nano-power highly accurate RTC with integrated quartz crystal Although the association of the weekdays counter to the actual weekday is arbitrary, the PCF2131 assumes that Sunday is 000 and Monday is 001 for the purpose of determining the increment for calendar weeks. Bit Day[1] 2 1 0 Sunday 0 0 0 Monday 0 0 1 Tuesday 0 1 0 Wednesday 0 1 1 Thursday 1 0 0 Friday 1 0 1 Saturday 1 1 0 Table 39. Weekday assignments [1] Definition may be reassigned by the user. 7.9.7 Register Months Bits labeled as T are unused and return 0 when read Bit 7 6 5 4 3 2 1 0 Symbol T T T MONTHS (1 to 12) Reset value 0 0 0 0 0 0 0 1 Table 40. Months - months register (address 0Ch) bit allocation Bits labeled as T are unused and return 0 when read Bit Symbol Value Place value Description 7 to 5 T 000 - unused 4 0 to 1 ten’s place 3 to 0 MONTHS 0 to 9 unit place actual month coded in BCD format, see Table 42 Table 41. Months - months register (address 0Ch) bit description Upper-digit (ten’s place) Digit (unit place) Month Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 January 0 0 0 0 1 February 0 0 0 1 0 March 0 0 0 1 1 April 0 0 1 0 0 Table 42. Month assignments in BCD format PCF2131 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 1.1 — 15 October 2021 30 / 86 |