| Moteur de recherche de fiches techniques de composants électroniques |
|
9SQL4958CNDGI8 Fiches technique(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9SQL4958CNDGI8 Fiches technique(HTML) 18 Page - Renesas Technology Corp |
|
18 / 30 page ![]() 18 ©2020 Renesas Electronics Corporation February 19, 2020 9SQL4952/9SQL4954/9SQL4958 Datasheet General SMBus Serial Interface Information How to Write ▪ Controller (host) sends a start bit ▪ Controller (host) sends the write address ▪ IDT clock will acknowledge ▪ Controller (host) sends the beginning byte location = N ▪ IDT clock will acknowledge ▪ Controller (host) sends the byte count = X ▪ IDT clock will acknowledge ▪ Controller (host) starts sending Byte N through Byte N+X-1 ▪ IDT clock will acknowledge each byte one at a time ▪ Controller (host) sends a stop bit Note: Address is latched on SADR pin. How to Read ▪ Controller (host) will send a start bit ▪ Controller (host) sends the write address ▪ IDT clock will acknowledge ▪ Controller (host) sends the beginning byte location = N ▪ IDT clock will acknowledge ▪ Controller (host) will send a separate start bit ▪ Controller (host) sends the read address ▪ IDT clock will acknowledge ▪ IDT clock will send the data byte count = X ▪ IDT clock sends Byte N+X-1 ▪ IDT clock sends Byte 0 through Byte X (if X(H) was written to Byte 8) ▪ Controller (host) will need to acknowledge each byte ▪ Controller (host) will send a not acknowledge bit ▪ Controller (host) will send a stop bit Index Block Write Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O OO OO O Byte N + X - 1 ACK PstoP bit Index Block Read Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK RT Repeat starT Slave Address RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O OO OO O Byte N + X - 1 N Not acknowledge PstoP bit |