| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9P960 Fiches technique(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9P960 Fiches technique(HTML) 7 Page - Renesas Technology Corp |
|
7 / 13 page ![]() 9P960 DUAL CHANNEL DDRII/III ZERO DELAY BUFFER IDT® DUAL CHANNEL DDRII/III ZERO DELAY BUFFER 7 9P960 REV A 051811 General SMBus Serial Interface Information How to Write • Controller (host) sends a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) sends the byte count = X • IDT clock will acknowledge • Controller (host) starts sending Byte N through Byte N+X-1 • IDT clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read • Controller (host) will send a start bit • Controller (host) sends the write address • IDT clock will acknowledge • Controller (host) sends the beginning byte location = N • IDT clock will acknowledge • Controller (host) will send a separate start bit • Controller (host) sends the read address • IDT clock will acknowledge • IDT clock will send the data byte count = X • IDT clock sends Byte N+X-1 • IDT clock sends Byte 0 through Byte X (if X(H) was written to Byte 8) • Controller (host) will need to acknowledge each byte • Controller (host) will send a not acknowledge bit • Controller (host) will send a stop bit Index Block Write Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK Data Byte Count = X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 ACK PstoP bit Read Address Write Address D5(H) D4(H) Index Block Read Operation Controller (Host) IDT (Slave/Receiver) TstarT bit Slave Address WR WRite ACK Beginning Byte = N ACK RT Repeat starT Slave Address RD ReaD ACK Data Byte Count=X ACK Beginning Byte N ACK O O O O O O Byte N + X - 1 N Not acknowledge PstoP bit |